PART |
Description |
Maker |
2SA20881 2SB11321 2SB11841 2SB1198K1 2SB12601 2SB1 |
Medium power transistor (?60V, ?0.5A) Medium Power Transistor (?32V,?1A) Power Transistor (?60V, ?3A) Low-frequency Transistor (-80V, -0.5A) Power Transistor (?80V, ?1A) Low VCE(sat) Transistor (?20V, ?3A) Power transistor (?20V, ?2A) General purpose amplification (?30V, ?1A) Low frequency amplifier Medium power transistor (−60V, −0.5A)
|
ROHM[Rohm]
|
2SD2318 2SD2318V |
High-current gain Power Transistor (-60V/ -3A) Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset High-current gain Power Transistor(60V/ 3A) High-current gain Power Transistor(60V, 3A)
|
Rohm CO.,LTD.
|
2SB1184 2SB1185 2SB1243 A5800349 2SB1185F |
Power Transistor (-60V, -3A) From old datasheet system Power Transistor (-60V/ -3A)
|
Rohm
|
2SD2394 2SD2167 2SD2576 |
Power Transistor (60V, 3A) For Power Amplification (60V, 3A) Power Transistor (314V, 2A)
|
ROHM[Rohm]
|
ZX5T851A ZX5T851ASTZ ZX5T851ASTOA |
NPN Med Power Transistor 60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE 4500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR From old datasheet system
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors] Diodes Incorporated
|
STD12NE06L STD12NE06L-1 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 12A I(D) | TO-251AA 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 12A条(丁)|51AA N - CHANNEL 60V - 0.09ohm- 12A TO-251/TO-252 STripFET POWER MOSFET N-CHANNEL POWER MOSFET
|
California Eastern Laboratories, Inc. STMicroelectronics ST Microelectronics
|
MJE2955 MJE2955T MJE3055T |
NPN Transistor POWER TRANSISTORS(10A /60V /75W) POWER TRANSISTORS(10A,60V,75W) 功率晶体管(10A条,60V5W的)
|
MOSPEC[Mospec Semiconductor] Mospec Semiconductor, Corp. MOSPEC SEMICONDUCTOR CORP.
|
2SC3254 2SC3254S |
TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 7A I(C) | TO-220AB 60V/7A High-Speed Switching Applications
|
SANYO[Sanyo Semicon Device]
|
OC28 OC22 OC23 OC30 OC25 OC19 OC36 AUY29IV AUY24 A |
TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | TO-3 TRANSISTOR | BJT | PNP | 24V V(BR)CEO | 1A I(C) | TO-3 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 1.4A I(C) | TO-66VAR TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 4A I(C) | TO-3 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 3A I(C) | TO-3 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 8A I(C) | TO-3 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 15A I(C) | TO-41 TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 3A I(C) | TO-41 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 3A I(C) | TO-41 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 8A I(C) | TO-41 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 8A条一(c)|1
|
Vicor, Corp. Marktech Optoelectronics
|
RFP3055LE RFD3055LESM RFD3055LE FN4044 RFD3055LESM |
11A/ 60V/ 0.107 Ohm/ Logic Level/ N-Channel Power MOSFETs TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 11A I(D) | TO-252AA 11A, 60V, 0.107 Ohm, Logic Level, N-Channel Power MOSFETs 11A 60V 0.107 Ohm Logic Level N-Channel Power MOSFETs From old datasheet system
|
INTERSIL[Intersil Corporation]
|
2SC58801 |
Power transistor (60V, 2A)
|
Rohm
|